Part Number Hot Search : 
MC10133P SL6265 M100S CT194E D22396EJ HE85750 SRP600 MUR16
Product Description
Full Text Search
 

To Download IMS15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMS 15 Series
15 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC 1 or 2 outputs up to 48 V DC 1500 V DC I/O electric strength test voltage
LGA
* Magnetic feedback * Short circuit protection * Industry standard 2" x 1.6" case with 10.5 mm profile
Selection chart
Output 1 Output 2 Input voltage Uo nom Io nom Uo nom Io nom Ui [V DC] [mA] [V DC] [mA] [V DC] 5.1 2700 14...36 5.1 2700 36...75 12 1400 14...36 12 1400 36...75 15 1120 14...36 15 1120 36...75 +5.1 1600 +3.3 1600 14...36 +5.1 1600 +3.3 1600 36...75 5 1400 5 1400 14...36 5 1400 5 1400 36...75 12 700 12 700 14...36 12 700 12 700 36...75 15 560 15 560 14...36 15 560 15 560 36...75 24 350 24 350 14...36 24 350 24 350 36...75 1 For minimum order quantity and lead time contact Power-One. Type Options1
24 IMS 15-05-9R 48 IMS 15-05-9R 24 IMS 15-12-9C 48 IMS 15-12-9C 24 IMS 15-15-9C 48 IMS 15-15-9C 24 IMS 15-0503-9R 48 IMS 15-0503-9R 24 IMS 15-05-05-9 48 IMS 15-05-05-9 24 IMS 15-12-12-9 48 IMS 15-12-12-9 24 IMS 15-15-15-9 48 IMS 15-15-15-9 24 IMS 15-24-24-9 48 IMS 15-24-24-9
i, C, L, Z i, C, L, Z
i, L, Z i, L, Z K, i, C, L, Z K, i, C, L, Z K, i, C, L, Z K, i, C, L, Z K, i, C, L, Z K, i, C, L, Z i, C, L, Z i, C, L, Z
www.power-one.com
1
Board Mountable
Input
Input voltage range 24 IMS15 48 IMS15
IMS 15 Series
14...36 V DC 36...75 V DC
Output
Output voltage setting accuracy Minimum load Line/load regulation Line regulation Load regulation Output voltage switching noise Efficiency
Ui nom, 50% lo nom, models with/without R 1%/1.5% Uo nom recommended for double output models 10% lo nom Ui min...Ui max, 50% lo nom, models R (magn. feedback) 0.5% Uo nom Ui min...Ui max, 50% lo nom, models without R 1% Uo nom Ui nom , 10...100% lo nom, models without R 3% Uo nom tracking output, models without R 3% Uo nom Ui nom , 0...100% lo nom, peak-peak, total max. 1...1.5% Uo nom Ui nom , lo nom up to typ 88%
Control and protection
Remote shut down Trim input for Uo Magnetic feedback Input overvoltage protection Input undervoltage lock-out Overload protection No-load protection Temperature protection TTL-compatible input disabled with 0.7 V 80...105% standard for all single output and -0503-models R suppressor diode
Ui min...Ui max, fully protected, hiccup mode Ui min...Ui max
Safety and EMC
Electric strength test voltage Electromagnetic interference I/O conducted (with external filter) radiated 1500 V DC class B class A
Environmental
Operating ambient temperature Ui nom, lo nom Storage temperature non operational Relative humidity non condensing -40...71C -40...100C 93%
Options
Inhibit input (reverse logic) Alternative pinout C-pinout Open version SMD Version TTL-compatible, disabled with 2.4 V or open-circuit connected outputs, for compatibility connected outputs, no options possible no housing, not lacquered with PCB LIDi K C Z L
www.power-one.com
2
IMS 15 Series
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
15 Watt DC-DC Converters
European Projection
Standard and option K
10.5 (0.41") 45.72 (1.8")
S09011
2.54 (0.1")
11 0.8 (0.03") 1 2 3 4 bottom view 47 (1.85") 50.8 (2") 17 Fixing hole for M2 or KA 22 self tapping screws 15 12 13
5.08 (0.2")
20.3 (0.8")
Measuring point of case temperature TC
C pinout (option C)
0.5 (0.02") 11.2 (0.44") 45.72 (1.8") 45.72 (1.8")
S90010
5.08 (0.2")
o 1.0 (0.04") 3 1 2 5 bottom view 50.8 (2")
1.0 (0.04")
40.65 (1.6")
4
Measuring point of case temperature TC
36.83 (1.45")
40.65 (1.6")
www.power-one.com
3
Board Mountable
Open frame version (option Z)
10.5 (0.41") 45.72 (1.8")
S90011
IMS 15 Series
o 2.54 (0.1")
11 0.8 (0.03") 12
6 x 5.08 (0.2")
6 x 5.08 (0.2")
13 1 2 3 4 bottom view 48.26 (1.9") 17 15
Surface Mount Version (option L)
11.5 (0.45") 54.57 (2.15")
S90012
3 x 5.08 (0.2")
11 6 12
5 x 5.08 (0.2") 40.65 (1.6")
5 1 2 15 3 4 bottom view 50.8 (2") 16 17 13 14
Pin allocation
Pin 1 2 3 4 5 6 11 12 13 15 17 single Vi+ Vi- SD Vo+ Vo- R Standard double Vi+ Vi- Trim SD Vo1+ Vo1- Vo2+ Vo2- n.c. -0503Vi+ Vi- n.c. SD Vo2+ Go Vo1+ Go R Option K dual Vi+ Vi- SD Vo+ Go Vo- n.c. Option C single dual Vi+ Vi+ Vi- Vi- Vo+ Vo+ Go Vo- Vo- Option L and Z single double Vi+ Vi+ Vi- Vi- n.c. Trim SD SD n.c. n.c. n.c. n.c. Vo1- Vo2- Vo+ Vo1+ Vo- Vo2- R n.c.
38.8 (1.52")
www.power-one.com
4


▲Up To Search▲   

 
Price & Availability of IMS15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X